Part Number Hot Search : 
SMBJ30A DMC402 VA2ARF 100AXC 91930 DM631 166BG STLC8201
Product Description
Full Text Search
 

To Download CJ7808-TO-220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-220 Plastic-Encapsulate Transistors
CJ7808 Three-terminal positive voltage regulator
FEATURES Maximum Output current
IOM : 1.5 A Output voltage Vo: 8 V 123
TO 220
1.IN 2.GND 3.OUT
ABSOLUTE MAXIMUM RATINGS Operating temperature range applies unless otherwise specified(c) Parameter Input Voltage Operating Junction Temperature Range Storage Temperature Range Symbol Vi TOPR TSTG Value 35 0 +125 - 55 +150 Unit V ae ae
ELECTRICAL CHARACTERISTICS(Vi=14V,Io=500mA,0ae 55
52 72 2 450 2.2
TYPICAL APPLICATION
TO-220-3L PACKAGE OUTLINE DIMENSIONS
D |O
A C1
E1
F
L1
b1
E
A1
b L
e e1
C
Symbol A A1 b b1 c c1 D E E1 e e1 F L L1 |O
Dimensions In Millimeters Min 4.470 2.520 0.710 1.170 0.310 1.710 10.010 8.500 12.060 2.540TYP 4.980 2.590 13.400 3.560 3.790 5.180 2.890 13.800 3.960 3.890 Max 4.670 2.820 0.910 1.370 0.530 1.370 10.310 8.900 12.460 Min
Dimensions In Inches Max 0.184 0.111 0.036 0.054 0.021 0.054 0.406 0.350 0.491 0.100TYP 0.196 0.102 0.528 0.140 0.149 0.204 0.114 0.543 0.156 0.153 1.176 0.099 0.028 0.046 0.012 0.046 0.394 0.335 0.475


▲Up To Search▲   

 
Price & Availability of CJ7808-TO-220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X